Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PEX4M2E1 Fiches technique(PDF) 2 Page - StarTech.com Ltd.

No de pièce PEX4M2E1
Description  x4 PCI Express to M.2 PCIe SSD Adapter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STARTECH [StarTech.com Ltd.]
Site Internet  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

PEX4M2E1 Fiches technique(HTML) 2 Page - StarTech.com Ltd.

  PEX4M2E1 Datasheet HTML 1Page - StarTech.com Ltd. PEX4M2E1 Datasheet HTML 2Page - StarTech.com Ltd. PEX4M2E1 Datasheet HTML 3Page - StarTech.com Ltd. PEX4M2E1 Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Applications
Connect a PCIe M.2 SSD to your computer through an available x4 PCI Express expansion slot to boost
system speed and increase internal data storage
Get ultra-fast data access, ideal for gaming or high-performance workstations
Install your operating system on an M.2 PCIe based drive for fast access, while keeping larger platter
drives available for bulk storage
Features
Boost system speed and performance by adding a PCIe M.2 SSD to your PC
Supports PCIe M.2 SSDs (NVMe and AHCI): 2242, 2260, 2280, and 22110 drives
Compatible with PCIe 3.0 motherboards, and backward compatible with PCIe 2.0 and PCIe 1.0
Fast and easy setup with native OS support
Installs into x4, x8 or x16 PCIe slots
Equipped with a full-profile bracket, and includes a half-height/low-profile bracket for installation in small
form-factor computers
www.startech.com
1 800 265 1844



Html Pages

1 2 3 4