| Moteur de recherche de fiches techniques de composants électroniques |
|
PEX2S1050 Fiches technique(PDF) 1 Page - StarTech.com Ltd. |
|
|
|||||||||||||||||||||||||||||
PEX2S1050 Fiches technique(HTML) 1 Page - StarTech.com Ltd. |
|
1 / 4 page ![]() 2-Port PCI Express Serial Card with 16C1050 UART - RS232 Product ID: PEX2S1050 This PCI Express serial card adds two high-performance RS232 serial ports to your desktop computer or server, for connecting your serial-based devices and equipment. Convenient system upgrades through PCIe The PCIe serial card can be installed into an available PCI Express slot, to provide two high-performance 16C1050 RS232 serial UART channels/ports. It offers a convenient solution for connecting modern or legacy equipment to newer computer systems that don't have RS232 ports. The serial card is compliant with PCI Express 1.0a specification, and it's compatible with 1x, 2x, 4x, 8x and 16x PCI Express slots. The 2-port PCIe serial card is ideal for system upgrades in a wide range of applications including manufacturing equipment, POS equipment, security devices such as surveillance cameras, card readers or access panels, and environment or building control systems. www.startech.com/uk 0800 169 0408 |
Numéro de pièce similaire - PEX2S1050 |
|
Description similaire - PEX2S1050 |