| Moteur de recherche de fiches techniques de composants électroniques |
|
A17KB Fiches technique(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
|
|||||||||||||||||||||||||||||
A17KB Fiches technique(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
1 / 7 page ![]() www.nikkaiswitches.com • Nihon Kaiheiki • Phone 81-44-813-8008 • Fax 81-44-813-8038 Process Sealed Subminiature Toggles Series A 2-06 Distinctive Characteristics Subminiature size saves space on PC boards. Specifically developed for logic-level applications. Totally sealed body construction prevents contact contamination and allows time- and money-saving automated soldering and cleaning. Award-winning STC contact mechanism with benefits unavailable in conventional mechanisms: smoother, positive detent actuation, increased contact stability and unparalleled logic-level reliability. (Additional STC details in Terms & Acronyms; see Supplement contents.) Molded-in, epoxy sealed or ultrasonically welded terminals lock out flux, solvents, and other contaminants. .100” x .100” (2.54mm x 2.54mm) terminal spacing conforms to standard PC board grid spacing. Toggle option in antistatic material available for dissipating electrostatic discharges. Matching indicators available and shown at the end of Section M. Actual Size |
Numéro de pièce similaire - A17KB |
|
Description similaire - A17KB |