| Moteur de recherche de fiches techniques de composants électroniques |
|
EXPRESS-BASE6 Fiches technique(PDF) 1 Page - Sealevel Systems, Inc. |
|
|
|||||||||||||||||||||||||||||
EXPRESS-BASE6 Fiches technique(HTML) 1 Page - Sealevel Systems, Inc. |
|
1 / 2 page ![]() COM Express Carrier Board, Type 6, ATX Form Factor Get your COM Express project off to a fast start with the Express-BASE6 COM Express carrier board. The Express-BASE6 supports Basic and Compact Type 6 COM Express modules. Standard features include seven PCI Express X1 slots, one PCI Express X16 slot, one PCI Express Mini slot, LPC-based Super I/O and dual BIOS support. The carrier board includes connectors for digital and analog video, USB, Ethernet, SATA, serial and audio interfaces. Specific features are COM Express module dependent. The Express-BASE6 simplifies software development and prototyping while the target application carrier board is designed. Take advantage of Sealevel’s carrier board development services for the fastest time to market. Our extensive library of proven I/O circuits including serial, analog, and digital functionality simplifies the design process and can be easily optimized to meet the specific I/O count, voltage ranges and connector types required for your application. Turn to Sealevel’s custom capabilities for expertise in electrical, mechanical, software, environmental stress screening, project management, and compliance & certification. Call us today to discuss the design capabilities, reliability improvements and design control advantages that a Sealevel COM Express carrier board or system design will bring to your next product. Part: Express-BASE6 | Model:Type 6 Carrier Board WORLD CL AS S . A MERICAN M ADE. Delivering Design & Manufacturing Excellence Since 1986 |
Numéro de pièce similaire - EXPRESS-BASE6 |
|
Description similaire - EXPRESS-BASE6 |