| Moteur de recherche de fiches techniques de composants électroniques |
|
HD3SS212ZXHT.B Fiches technique(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
HD3SS212ZXHT.B Fiches technique(HTML) 21 Page - Texas Instruments |
|
21 / 24 page ![]() NOTES: 1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing per ASME Y14.5M. 2. This drawing is subject to change without notice. NanoFree is a trademark of Texas Instruments. PACKAGE OUTLINE 4225133 /A 08/2019 www.ti.com NFBGA - 1 mm max height PLASTIC BALL GRID ARRAY ZXH0048A A 0.08 C 0.15 C A B 0.05 C B SYMM BALL A1 CORNER BALL TYP SYMM 1 SEATING PLANE C 5.1 4.9 5.1 4.9 1 MAX 0.25 0.15 4 TYP 4 TYP (0.5) TYP (0.5) TYP 0.5 TYP 0.5 TYP 48X Ø 0.35 0.25 2 3 4 5 6 7 8 9 A B C D E F G H J |