| Moteur de recherche de fiches techniques de composants électroniques |
|
024-4 Fiches technique(PDF) 4 Page - PCE Instruments. |
|
|
|||||||||||||||||||||||||||||
024-4 Fiches technique(HTML) 4 Page - PCE Instruments. |
|
4 / 6 page ![]() www.pcelectric.at PC Electric GesmbH Diesseits 145 4973 St. Martin im Innkreis AUSTRIA TEL +43 7751 61220 FAX +43 7751 6969 office@pcelectric.at 100% Industrial Plugs and Sockets After installation, industrial plugs and sockets must be robust, reliable and have a long lifespan. Every part and component of the SHARK product se- ries is therefore designed with all of these characteristics even under the harshest operating conditions. Furthermore, they are designed to set new standards of ergono- mics and handling. SHARK is as robust, functional and ergonomic as its natural counterpart. The first concern of industrial plugs and sockets is that they must be safe and reliable in function. The second one is speed and it is exactly for that reason that all versions of the SHARK series have been developed and ma- nufactured to stringent safety and quality standards. Moreover, they are so cutting edge that they can be safely mounted and applied at high speed. SHARK tackles its tasks as fast and safely as its natural counterpart. Industrial plugs and sockets showed be extremely flexible to install and ap- ply. The SHARK series has been designed and developed for user friendli- ness and versatility. Plus it was developed in a way which has eventually lead to another benchmark product originating from PCE. A genuine SHARK is as adaptable and flexible as its natural counterpart. Connection future to the |