Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

INLC10AQ-R4.5 Fiches technique(PDF) 20 Page - inova Semiconductors

No de pièce INLC10AQ-R4.5
Description  Smart LED Driver & Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INOVA [inova Semiconductors]
Site Internet  https://inova-semiconductors.de/
Logo INOVA - inova Semiconductors

INLC10AQ-R4.5 Fiches technique(HTML) 20 Page - inova Semiconductors

Back Button INLC10AQ-R4.5 Datasheet HTML 16Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 17Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 18Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 19Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 20Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 21Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 22Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 23Page - inova Semiconductors INLC10AQ-R4.5 Datasheet HTML 24Page - inova Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
Datasheet
DS_INLC10AQ Revision 1.0_B
Inova Semiconductors Confidential
Page 20 of 35
4.1.7 Read Access
A read access consists of two phases, the command and the response phase. The command phase uses
downstream communication and the response phase uses upstream communication. Commands for read
access do not use the command address, i.e. these commands may not be directed to a device based on
the device address.
There are two commands for read access, digLED_Read and digLED_Ping. The digLED_Read commands
retrieve a status information from all devices and the digLED_Ping command is used to check the device
chain’s integrity. Only the final node in the chain responds to a PING command.
A digLED_Read command is first received by all devices via the frame in downstream direction. The last
node in the chain then immediately transmits its response frame upstream. The response frame’s data field
depends on the actual digLED_Read command. The response frame’s address field is set according to the
own device’s address. All the nodes upstream forward all received response frames until a frame with the
address of their adjacent node is received. Then the respective node transmits its own response frame. This
procedure lasts until the chain’s first node has transmitted its response frame.
A digLED_Ping command is similar to a digLED_Read command, but only the last device in the chain
responds to a digLED_Ping. Thus, the digLED_Ping command is executed much faster than a regular
digLED_Read command.
Figure 15 - Single ended read command and responses
Name
Description
Equation
tDS_US
Delay between down- and upstream
tDS_CL + tUS_CL + 2 x n x tPD
tRESP
Delay between responses
Oscillator variation of adjacent devices < ±30%
Oscillator variation of adjacent devices > ±30%
0.43 x tUS_CL
0.7 x tUS_CL
Table 18 - Down- and upstream delay, delay between responses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35