| Moteur de recherche de fiches techniques de composants électroniques |
|
PLP1-3MM Fiches technique(PDF) 1 Page - Bivar, Inc. |
|
|
|||||||||||||||||||||||||||||
PLP1-3MM Fiches technique(HTML) 1 Page - Bivar, Inc. |
|
1 / 2 page ![]() 4 THOMAS, IRVINE, CA. 92618 ® TEL: (949) 951-8808 FAX: (949) 951-3974 TITLE: ( UNLESS OTHERWISE SPECIFIED ) DECIMALS ANGULAR STANDARD TOLERANCE .X ± .1 .XX ± .01 .XXX ± .005 X° ± 1° DESIGNED: DATE: CHECKED: DATE: PART NO: CAGE CODE : 32559 REVISION: T SHEET # OF PLP1-XXX CAD GENERATED DOCUMENT, DO NOT MEASURE DRAWING. 1 Michael Chen 01/16/02 E. M. Muldoon 04/26/02 REV. DATE APPROVED DESCRIPTION 2 PRESS-FIT, PANEL MOUNT, 0.750 ( 19.0mm ) 0.625 ( 15.9mm ) 0.500 ( 12.7mm ) 0.375 ( 9.5mm ) 0.350 ( 8.9mm ) 0.250 ( 6.4mm ) 0.125 ( 3.2mm ) PLP1-125 PLP1-750 PLP1-625 PLP1-500 PLP1-350 PLP1-375 PLP1-250 Part No. X = Body Length 2. MATERIAL: POLYCARBONATE, 94V-0, CLEAR. 1. GENERAL SPECIFICATIONS: BIVAR MOLDED COMPONENT SPECIFICATION BV00-E101 and BSMC-1001. LIGHT PIPE, ROUND TOP 0.460 ( 11.7mm ) PLP1-460 Added .175" and .200" Lengths To Offering List. M 02/27/14 J. C. Added Panel Thicknes. P 05/01/15 J. C. 0.175 ( 4.4mm ) PLP1-175 0.200 ( 5.1mm ) PLP1-200 Added .100", .188", .313" Lengths to Offering List. Q 05/27/15 J. C. 0.100 ( 2.5mm ) PLP1-100 0.188 ( 4.8mm ) PLP1-188 0.313 ( 7.9mm ) PLP1-313 Added Metric Lengths to Offering List. 07/15/15 J. C. R 3mm ( 0.118" ) PLP1-3MM 4mm ( 0.157" ) PLP1-4MM 5mm ( 0.197" ) PLP1-5MM 6mm ( 0.236" ) PLP1-6MM 7mm ( 0.276" ) PLP1-7MM 8mm ( 0.315" ) PLP1-8MM 9mm ( 0.354" ) PLP1-9MM 10mm ( 0.394" ) PLP1-10MM Recommended Mounting Hole Panel Thickness: 0.047"-0.093" Ø0.121 +.003 -.002 Ø0.150 [Ø3.8mm] FLANGE Ø0.112 [Ø2.8mm] X 0.160 [4.1mm] 0.050 [1.3mm] Ø0.118 [Ø3.0mm] LIGHT PIPE Ø0.123 [Ø3.1mm] REF. Added Color Options, Sheet #2. 02/02/16 J. C. T |
Numéro de pièce similaire - PLP1-3MM |
|
Description similaire - PLP1-3MM |