Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSD87331Q3DT Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce CSD87331Q3DT
Description  CSD87331Q3D Synchronous Buck NexFET™ Power Block
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

CSD87331Q3DT Fiches technique(HTML) 7 Page - Texas Instruments

Back Button CSD87331Q3DT Datasheet HTML 3Page - Texas Instruments CSD87331Q3DT Datasheet HTML 4Page - Texas Instruments CSD87331Q3DT Datasheet HTML 5Page - Texas Instruments CSD87331Q3DT Datasheet HTML 6Page - Texas Instruments CSD87331Q3DT Datasheet HTML 7Page - Texas Instruments CSD87331Q3DT Datasheet HTML 8Page - Texas Instruments CSD87331Q3DT Datasheet HTML 9Page - Texas Instruments CSD87331Q3DT Datasheet HTML 10Page - Texas Instruments CSD87331Q3DT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
0
1
2
3
4
5
6
7
8
0
1
2
3
4
5
Qg - Gate Charge - nC (nC)
ID = 8A
VDD = 15V
0
1
2
3
4
5
6
7
8
0
2
4
6
8
10
Qg - Gate Charge - nC (nC)
ID = 8A
VDD = 15V
0.001
0.01
0.1
1
10
100
1
1.5
2
2.5
3
3.5
4
VGS - Gate-to-Source Voltage - V
TC = 125°C
TC = 25°C
TC = −55°C
VDS = 3V
0.001
0.01
0.1
1
10
100
0
0.5
1
1.5
2
2.5
3
VGS - Gate-to-Source Voltage - V
TC = 125°C
TC = 25°C
TC = −55°C
VDS = 3V
0
10
20
30
40
50
0
0.2
0.4
0.6
0.8
1
1.2
1.4
VDS - Drain-to-Source Voltage - V
VGS = 8.0V
VGS = 4.5V
VGS = 4.0V
0
10
20
30
40
50
0
0.1
0.2
0.3
0.4
0.5
0.6
VDS - Drain-to-Source Voltage - V
VGS = 8.0V
VGS = 4.5V
VGS = 4.0V
7
CSD87331Q3D
www.ti.com
SLPS283B – SEPTEMBER 2011 – REVISED FEBRUARY 2017
Product Folder Links: CSD87331Q3D
Submit Documentation Feedback
Copyright © 2011–2017, Texas Instruments Incorporated
5.7 Typical Power Block MOSFET Characteristics
TA = 25°C, unless stated otherwise.
Figure 10. Control MOSFET Saturation
Figure 11. Sync MOSFET Saturation
Figure 12. Control MOSFET Transfer
Figure 13. Sync MOSFET Transfer
Figure 14. Control MOSFET Gate Charge
Figure 15. Sync MOSFET Gate Charge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com