| Moteur de recherche de fiches techniques de composants électroniques |
|
STA335BW Fiches technique(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA335BW Fiches technique(HTML) 30 Page - STMicroelectronics |
|
30 / 54 page ![]() Register description STA335BW 30/54 5.6.2 Invalid input detect mute enable Setting the IDE bit enables this function, which looks at the input I2S data and will automatically mute if the signals are perceived as invalid. Figure 7. OCFG = 00 (default value) Figure 8. OCFG = 01 Figure 9. OCFG = 10 Figure 10. OCFG = 11 Half Bridge Half Bridge Half Bridge Half Bridge OUT1A OUT1B OUT2A OUT2B Channel 2 Channel 1 LPF LineOut 1 OUT3B LPF LineOut 2 OUT4B OUT4A OUT3A Half Bridge Half Bridge Half Bridge Half Bridge OUT1A OUT1B OUT2A OUT2B Channel 3 Channel 1 Channel 2 Half Bridge Half Bridge Half Bridge Half Bridge OUT1A OUT1B OUT2A OUT2B Channel 2 Channel 1 Power Device OUT3B OUT3A EAPD Channel 3 Half Bridge Half Bridge Half Bridge Half Bridge OUT1A OUT1B OUT2A OUT2B Channel 3 OUT3B OUT4B OUT4A OUT3A Channel 1 Channel 2 Bit R/W RST Name Description 2R/W 1 IDE Setting of 1 enables the automatic invalid input detect mute |