| Moteur de recherche de fiches techniques de composants électroniques |
|
AIO-CSJIN5/2 Fiches technique(PDF) 12 Page - Amphenol Industrial Products Group. |
|
|
|||||||||||||||||||||||||||||
AIO-CSJIN5/2 Fiches technique(HTML) 12 Page - Amphenol Industrial Products Group. |
|
12 / 53 page ![]() 10 11 A Z Y X W V U T S R P N M L K J H G F E D C B a x w v u t s r q p n m y k j i h g f e d c b z HH GG FF EE DD CC BB AA A G F E D C B HJ A G F E D C B A G F E D C B A X W V U T S R Q P Y N M L K J H GF E D C B Z a g f e d c b A Z Y X W V U T S R P N M L K J H G F E D C B a z y x w v u t s r p n m q k j i h g f e d c b AA PP NN MM LL KK JJ HH GG FF EE DD CC BB a e C B D d f E g F i G h j m p n q r AA BB b X t y Z Y A W V U T S R P N M L K J H z w k v x s u c Amphenol Miniature Cylindrical insert arrangements ® front face of pin inserts illustrated Insert Arrangement 22-55 22-70 22-71 22-72 Service Rating I I, Coax I, Coax N/A Number of Contacts 55 13 6 2 7 12 4 3 Contact Size 20 20 8 Coax 20 8 Coax 20 16 8 Coax Insert Arrangement 22-78 22-96 24-31 24-51 Service Rating Coax II I I Number of Contacts 7 7 31 47 4 Contact Size 8 Coax 12 for 16 20 12 Coax # 10 wire Insert Arrangement 24-61 24-71 24-79 Service Rating I N/A Coax Number of Contacts 61 45 2 2 1 5 Contact Size 20 20 16 8 Coax 20 8 Coax Contact Legend Symbol Contact Size 20 16 12 HV 12 Coax 8 Coax V K D T P B L C E H M J F G R S N A U A V F E N L T J HD M R G P S U C KB B C D E F G H K i j N P R S T U V W X Y Z a A b d e f J M h m n p q r y t L g BB DD CC AA u c v z s x k w F A D E B C Amphenol Miniature Cylindrical insert arrangements ® 11 A Z Y X W V U T S R P N M L K J H G F E D C B a x w v u t s r q p n m y k j i h g f e d c b z HH GG FF EE DD CC BB AA A G F E D C B HJ A G F E D C B A G F E D C B A X W V U T S R Q P Y N M L K J H GF E D C B Z a g f e d c b A Z Y X W V U T S R P N M L K J H G F E D C B a z y x w v u t s r p n m q k j i h g f e d c b AA PP NN MM LL KK JJ HH GG FF EE DD CC BB a e C B D d f E g F i G h j m p n q r AA BB b X t y Z Y A W V U T S R P N M L K J H z w k v x s u c Amphenol Miniature Cylindrical insert arrangements ® front face of pin inserts illustrated Insert Arrangement 22-55 22-70 22-71 22-72 Service Rating I I, Coax I, Coax N/A Number of Contacts 55 13 6 2 7 12 4 3 Contact Size 20 20 8 Coax 20 8 Coax 20 16 8 Coax Insert Arrangement 22-78 22-96 24-31 24-51 Service Rating Coax II I I Number of Contacts 7 7 31 47 4 Contact Size 8 Coax 12 for 16 20 12 Coax # 10 wire Insert Arrangement 24-61 24-71 24-79 Service Rating I N/A Coax Number of Contacts 61 45 2 2 1 5 Contact Size 20 20 16 8 Coax 20 8 Coax Contact Legend Symbol Contact Size 20 16 12 HV 12 Coax 8 Coax V K D T P B L C E H M J F G R S N A U A V F E N L T J HD M R G P S U C KB B C D E F G H K i j N P R S T U V W X Y Z a A b d e f J M h m n p q r y t L g BB DD CC AA u c v z s x k w F A D E B C |