| Moteur de recherche de fiches techniques de composants électroniques |
|
PR01 Fiches technique(PDF) 17 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
PR01 Fiches technique(HTML) 17 Page - Vishay Siliconix |
|
17 / 20 page ![]() PR01, PR02, PR03 www.vishay.com Vishay BCcomponents Revision: 01-Mar-16 17 Document Number: 28729 For technical questions, contact: filmresistorsleaded@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 DIMENSIONS Type with straight leads DIMENSIONS - Straight lead type and relevant physical dimensions; see straight leads outline TYPE Ø DMAX. (mm) L1 MAX. (mm) L2 MAX. (mm) TERMINATION WIRE MATERIAL (Cu OR FeCu) AND WIRE DIAMETER (Ø d) MASS (mg) MATERIAL Ø d (mm) PR01 2.5 6.5 8.0 Cu 0.58 ± 0.05 212 FeCu 0.58 ± 0.05 207 PR02 3.9 10.0 12.0 Cu 0.78 ± 0.05 504 FeCu 0.58 ± 0.05 455 FeCu 0.78 ± 0.05 496 PR03 5.2 16.7 19.5 Cu 0.78 ± 0.05 1192 FeCu 0.58 ± 0.05 1079 FeCu 0.78 ± 0.05 1185 DIMENSIONS - Double kink lead type and relevant physical dimensions; see double kinked outline TYPE Ø DMAX. (mm) L1 MAX. (mm) L2 MAX. (mm) TERMINATION WIRE MATERIAL (Cu OR FeCu) AND WIRE DIAMETER (Ø d) MASS (mg) PITCH (mm) P1 (mm) P2 (mm) b1 (mm) b2 (mm) SMAX. (mm) Ø B (mm) MATERIAL Ø d (mm) PR01 2.5 6.5 8.0 Cu 0.58 ± 0.05 212 17.8 17.8 ± 0.5 17.8 ± 3 1.10 + 0.25 / - 0.20 1.45 + 0.25 / - 0.20 2 0.8 ± 0.07 FeCu 0.58 ± 0.05 207 12.5 12.5 ± 0.5 12.5 ± 3 1.10 + 0.25 / - 0.20 1.45 + 0.25 / - 0.20 2 0.8 ± 0.07 FeCu 0.58 ± 0.05 207 17.8 17.8 ± 0.5 17.8 ± 3 1.10 + 0.25 / - 0.20 1.45 + 0.25 / - 0.20 2 0.8 ± 0.07 PR02 3.9 10.0 12.0 Cu 0.78 ± 0.05 504 17.8 17.8 ± 0.5 17.8 ± 3 1.10 + 0.25 / - 0.20 1.45 + 0.25 / - 0.20 2 1.0 ± 0.07 FeCu 0.58 ± 0.05 455 17.8 17.8 ± 0.5 17.8 ± 3 1.10 + 0.25 / - 0.20 1.45 + 0.25 / - 0.20 2 0.8 ± 0.07 FeCu 0.78 ± 0.05 496 15.0 15.0 ± 0.5 15.0 ± 3 1.30 + 0.25 / - 0.20 1.65 + 0.25 / - 0.20 2 1.0 ± 0.07 PR03 5.2 16.7 19.5 Cu 0.78 ± 0.05 1192 25.4 25.4 ± 0.5 25.4 ± 3 1.10 + 0.25 / - 0.20 1.65 + 0.25 / - 0.20 2 1.0 ± 0.07 FeCu 0.58 ± 0.05 1079 25.4 25.4 ± 0.5 25.4 ± 3 1.10 + 0.25 / - 0.20 1.65 + 0.25 / - 0.20 2 1.0 ± 0.07 FeCu 0.78 ± 0.05 1185 20 22.0 ± 0.5 20.0 ± 3 1.30 + 0.25 / - 0.20 2.15 + 0.25 / - 0.20 2 1.0 ± 0.07 L 1 d D L 2 Ø D P 1 ± 0.5 S Ø B ± 0.07 Ø d b 1 4.5 + 1 0 b 2 8 + 2 L 1 L 2 P 2 ± 3 P 1 ± 0.5 Type with double kink Dimensions in millimeters |