Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS7016003 Fiches technique(PDF) 12 Page - Norgren Ltd

No de pièce CS7016003
Description  Tubing & Hose Metric
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NORGREN [Norgren Ltd]
Site Internet  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd

CS7016003 Fiches technique(HTML) 12 Page - Norgren Ltd

Back Button CS7016003 Datasheet HTML 8Page - Norgren Ltd CS7016003 Datasheet HTML 9Page - Norgren Ltd CS7016003 Datasheet HTML 10Page - Norgren Ltd CS7016003 Datasheet HTML 11Page - Norgren Ltd CS7016003 Datasheet HTML 12Page - Norgren Ltd CS7016003 Datasheet HTML 13Page - Norgren Ltd CS7016003 Datasheet HTML 14Page - Norgren Ltd CS7016003 Datasheet HTML 15Page - Norgren Ltd CS7016003 Datasheet HTML 16Page - Norgren Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
10/96
N/UK 9.12.003.01
Our policy is one of continuous research and development. We therefore reserve the
right to amend, without notice, the specifications given in this document.
Spring Coils
PA Pneuflex Series
q PA Pneuflex spring coils ideally suited for use with
pneumatic tools, machine tools, industrial robots and
many general applications
q Spring coils supplied complete with swivel fittings at
both ends
q Good resistance to oils, hydrocarbons and solvents
Technical Data
Medium:
Compressed air, water, inert gases, oils and any other fluid
compatible with PA11, nickel plated brass and NBR
Tube Sizes:
6, 8, 10, 12, 15 mm O/D
3, 3.75, 5, 7.5 and 15m maximum working lengths
Operating Pressure:
See details overleaf
Operating Temperature:
See details overleaf
Materials
Spring Coils: Nylon PA11, nickel plated brass fitting body, nitrile
rubber seals, galvanised steel protection spring
PA Pneuflex Threads
BSPT thread 1⁄4, 3⁄8
BSPP thread 1⁄2
Ordering Information
To order quote the appropriate product numbers
from the tables on the following page.
Nylon
Back to Selector Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com