| Moteur de recherche de fiches techniques de composants électroniques |
|
PBW10L2 Fiches technique(PDF) 2 Page - Alpha Electronics Corp. |
|
|
|||||||||||||||||||||||||||||
PBW10L2 Fiches technique(HTML) 2 Page - Alpha Electronics Corp. |
|
2 / 2 page ![]() www.alpha-elec.co.jp 23 PB, PC Series For any questions, contact sales-alpha@alpha-elec.co.jp Document No.: 67013 Revision: 25-Apr-2016 PERFORMANCE Parameters Test Condition MIL-R-39009 Specification ALPHA Typical Test Data Maximum Rated Operating Temperature Working Temperature Range Maximum Working Voltage Maximum Working Current 25°C –55°C to +155°C 750V PB=5A, PC=32A Power Conditioning 25°C, Rated Voltage, 96 hrs. ±0.2% ±0.2% Low Temperature Storage Dielectric Withstanding Voltage Insulation Resistance Low Temperature Operation Overload Moisture Resistance Terminal Strength –55°C, No Load, 24 hrs. Atmo. Pres.: AC 1 KV, 1 min. Baro. Pres. 8 mHg: AC 500V, 1min. DC 500V, 2 min. –55°C, Rated Voltage Rated Voltage x 2.5, 5 sec. +65°C to –10°C, 90% RH to 98% RH, Rated Voltage, 10 cycles (240 hrs.) 2.27 kg (5 pounds),10 sec. ±0.3% ±0.2% over 10,000 MΩ ±0.3% ±0.3% ±0.5% ±0.2% ±0.005% ±0.005% over 10,000 MΩ ±0.005% ±0.01% ±0.05% ±0.005% Shock Vibration, High Frequency 100G, 6 ms., Sawtooth Wave, X, Y, Z, each 3 shocks 20G, 10 Hz to 2,000 Hz to 10 Hz, 20 min., X, Y, Z, each 4 hrs. ±0.2% ±0.2% ±0.005% ±0.005% Life 25°C, Rated Power, 1.5 hr. – ON, 0.5 hr. – OFF, 2,000 hrs. ±1.0% ±0.01% High Temperature Exposure 155°C, No Load, 2,000 hrs. ±1.0% ±0.01% Solderability 245°C, 5 sec. over 95% coverage FREQUENCY CHARACTERISTICS 15 10 50 100 (MHz) Frequency 150 100 50 (%) PB 1 0.4 100 2 k 10 FOUR-TERMINAL RESISTOR For low ohmic resistor (less than 10 ohm), the resistance value and TCR of the copper lead increases overall resistance value. Four-terminal (Kelvin) connection is recommended per the following figure. Loading current at terminals (V) causes measurement error. TEMPERATURE OF RESISTOR SURFACE 12 34 56 78 910 On Aluminum Chassis 60 70 50 40 30 20 10 (W) Applied Power T (°C) B (19.2°C/W) B (4.9°C/W) A (3.4°C/W) A (15.5°C/W) In Free Air Spots for Temperature Measurement (in still air) Aluminum Chassis Screwed Down A: Mold Surface B: Element Surface 152.4 mm (L) x 101.6 mm (W) x 50.8 mm (H) x 1.0 mm (T) AFFECT OF PB TYPE LEAD FOR RESISTANCE VALUE AND TCR Resistance Value of Lead: 0.36V/cm TCR of Lead: 3,900 ppm/°C 1 0.1 0.01 0.001 0.0001 0.00001 (%) 1k 100 10 1 0.1 Nominal Resistance Value (V) f 0.8 Solder-Plated Copper/L=1cm 100 10 1 0.1 0.01 0.001 (ppm/°C) Resistance Value TCR |