Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FS450AC Fiches technique(PDF) 24 Page - List of Unclassifed Manufacturers

No de pièce FS450AC
Description  i-Net TV Interface Video Processor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

FS450AC Fiches technique(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button FS450AC Datasheet HTML 20Page - List of Unclassifed Manufacturers FS450AC Datasheet HTML 21Page - List of Unclassifed Manufacturers FS450AC Datasheet HTML 22Page - List of Unclassifed Manufacturers FS450AC Datasheet HTML 23Page - List of Unclassifed Manufacturers FS450AC Datasheet HTML 24Page - List of Unclassifed Manufacturers FS450AC Datasheet HTML 25Page - List of Unclassifed Manufacturers FS450AC Datasheet HTML 26Page - List of Unclassifed Manufacturers FS450AC Datasheet HTML 27Page - List of Unclassifed Manufacturers FS450AC Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 60 page
background image
FS450, FS451
PRELIMINARY PRODUCT DESCRIPTION
JUNE, 2000, VERSION 1.2
24
COPYRIGHT
©
© 1999, 2000 FOCUS ENHANCEMENTS, INC.
PRELIMINARY INFORM ATION
Notes:
VMI 656 Input Control: If the Video Module Interface (VMI) mode is specified, SAV and EAV commands are
inserted into the CCIR601 data stream to coordinate down stream data processing. The SAV and EAV Control
words have the following format:
YC Data
D7
D6
D5
D4
D3
D2
D1
D0
Preamble C
1
1
1
1
1
1
1
1
Preamble Y
0
0
0
0
0
0
0
0
Status Word C
0
0
0
0
0
0
0
0
Status Word Y
1
F
V
H
P3
P2
P1
P0
Table 3: SAV and EAV Control Words
F = 0 during field 1, F = 1 during field 2
P3 = V xor H
H = 0 for SAV, H = 1 for EAV
P2 = F xor H
V = 1 during vertical blanking
P1 = F xor V
P0 = F xor V xor H
UIM_MOD Mapping: The UIM_MOD (Universal Input Mux, UIM) bits select the mode for P0-P11 and E0-E5. The
intention is to support as many different 3D and GCC graphic controllers, CPU support chips and integrated
CPUs as possible (collectively referred to in this data sheet as "GCC"). The following table shows the mapping
in each mode for the digital RGB from the GCC to the appropriate port or extended port pin:
UIM_MOD
0
0
1
1
1
1
2
2
3
3
3
P/E Port
M888DL
M888DH
M888IL
M888IH
M565IL
M565IH
M555L
M555H
N666
N565
N555
P11
G3
R7
G4
R7
G2
R4
G2
X
R5
R4
R4
P10
G2
R6
G3
R6
G1
R3
G1
R4
R4
R3
R3
P9
G1
R5
G2
R5
G0
R2
G0
R3
R3
R2
R2
P8
G0
R4
B7
R4
B4
R1
B4
R2
R2
R1
R1
P7
B7
R3
B6
R3
B3
R0
B3
R1
R1
R0
R0
P6
B6
R2
B5
G7
B2
G5
B2
R0
R0
0
0
P5
B5
R1
B4
G6
B1
G4
B1
G4
G5
G5
G4
P4
B4
R0
B3
G5
B0
G3
B0
G3
G4
G4
G3
P3
B3
G7
G0
R2
0
0
X
X
G3
G3
G2
P2
B2
G5
B2
R1
0
0
X
X
G2
G2
G1
P1
B1
G4
B1
R0
0
0
X
X
G1
G1
G0
P0
B0
G3
B0
G1
0
0
X
X
G0
G0
0
E5
X
X
X
X
X
X
X
X
B5
B4
B4
E4
X
X
X
X
X
X
X
X
B4
B3
B3
E3
X
X
X
X
X
X
X
X
B3
B2
B2
E2
X
X
X
X
X
X
X
X
B2
B1
B1
E1
X
X
X
X
X
X
X
X
B1
B0
B0
E0
X
X
X
X
X
X
X
X
B0
0
0
Table 4: GCC Port Mapping (UIM_MOD)
1) All input bits are MSB justified
2) Shaded modes require zero padding at input port
3) For GCC to P/E Mapping, see Table 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60