| Moteur de recherche de fiches techniques de composants électroniques |
|
UCC2913 Fiches technique(PDF) 12 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
UCC2913 Fiches technique(HTML) 12 Page - Texas Instruments |
|
12 / 21 page ![]() UCC2913 UCC3913 SLUS274A – JANUARY 1999 – REVISED APRIL 2003 12 www.ti.com SAFETY RECOMMENDATION Although the UCC3913 is designed to provide system protection for all fault conditions, all integrated circuits can ultimately fail short. For this reason, if the UCC3913 is intended for use in safety critical applications where UL or some other safety rating is required, a redundant safety device such as a fuse should be placed in series with the device. The UCC3913 will prevent the fuse from blowing for virtually all fault conditions, increasing system reliability and reducing maintenance cost, in addition to providing the hot swap benefits of the device. |