Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STHDMI002ABTR Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce STHDMI002ABTR
Description  Wide bandwidth, 2 to 1 HDMI switch with single enable
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHDMI002ABTR Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button STHDMI002ABTR Datasheet HTML 17Page - STMicroelectronics STHDMI002ABTR Datasheet HTML 18Page - STMicroelectronics STHDMI002ABTR Datasheet HTML 19Page - STMicroelectronics STHDMI002ABTR Datasheet HTML 20Page - STMicroelectronics STHDMI002ABTR Datasheet HTML 21Page - STMicroelectronics STHDMI002ABTR Datasheet HTML 22Page - STMicroelectronics STHDMI002ABTR Datasheet HTML 23Page - STMicroelectronics STHDMI002ABTR Datasheet HTML 24Page - STMicroelectronics STHDMI002ABTR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
STHDMI002A
Package mechanical data
21/26
10
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK® packages.
These packages have a Lead-free second level interconnect . The category of second Level
Interconnect is marked on the package and on the inner box label, in compliance with JEDEC
Standard JESD97. The maximum ratings related to soldering conditions are also marked on
the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at:
www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26