Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STHDMI002A Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce STHDMI002A
Description  Wide bandwidth, 2 to 1 HDMI switch with single enable
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHDMI002A Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button STHDMI002A Datasheet HTML 18Page - STMicroelectronics STHDMI002A Datasheet HTML 19Page - STMicroelectronics STHDMI002A Datasheet HTML 20Page - STMicroelectronics STHDMI002A Datasheet HTML 21Page - STMicroelectronics STHDMI002A Datasheet HTML 22Page - STMicroelectronics STHDMI002A Datasheet HTML 23Page - STMicroelectronics STHDMI002A Datasheet HTML 24Page - STMicroelectronics STHDMI002A Datasheet HTML 25Page - STMicroelectronics STHDMI002A Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
STHDMI002A
Package mechanical data
23/26
Figure 13.
TQFP48 Tape and reel dimensions
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
60
2.362
T
22.4
0.882
Ao
9.5
9.7
0.374
0.382
Bo
9.5
9.7
0.374
0.382
Ko
2.1
2.3
0.083
0.091
Po
3.9
4.1
0.153
0.161
P
11.9
12.1
0.468
0.476
Tape & Reel TQFP48 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26