| Moteur de recherche de fiches techniques de composants électroniques |
|
CD74ACT623 Fiches technique(PDF) 1 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CD74ACT623 Fiches technique(HTML) 1 Page - Texas Instruments |
|
1 / 17 page ![]() This data sheet is applicable to the CD74AC623 and CD54/74ACT623. The CD54AC623 was not acquired from Harris Semiconductor. Data sheet acquired from Harris Semiconductor SCHS286A − October 2003 The CD74AC623 is supplied in 20-lead dual-in-line plastic packages (E suffix) and in 20-lead small-outline packages (M, M96, and NSR suffixes). The CD74ACT623 is supplied in 20-lead small-outline packages (M96 suffix). Both package types are operable over the following temperature ranges: Commercial (0 to 70 °C); Industrial (−40 to +85 °C); and Extended Industrial/Military (−55 to +125°C). Copyright © 2003, Texas Instruments Incorporated |
Numéro de pièce similaire - CD74ACT623 |
|
Description similaire - CD74ACT623 |