Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD4041UBF Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce CD4041UBF
Description  CMOS Quad True/Complement Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

CD4041UBF Fiches technique(HTML) 7 Page - Texas Instruments

Back Button CD4041UBF Datasheet HTML 3Page - Texas Instruments CD4041UBF Datasheet HTML 4Page - Texas Instruments CD4041UBF Datasheet HTML 5Page - Texas Instruments CD4041UBF Datasheet HTML 6Page - Texas Instruments CD4041UBF Datasheet HTML 7Page - Texas Instruments CD4041UBF Datasheet HTML 8Page - Texas Instruments CD4041UBF Datasheet HTML 9Page - Texas Instruments CD4041UBF Datasheet HTML 10Page - Texas Instruments CD4041UBF Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
23-May-2025
TAPE AND REEL BOX DIMENSIONS
Width (mm)
H
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
CD4041UBM96
SOIC
D
14
2500
356.0
356.0
35.0
CD4041UBPWR
TSSOP
PW
14
2000
356.0
356.0
35.0
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19