Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD4019B Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce CD4019B
Description  CMOS Quaa AND/OR Select Gate High-Voltage Types (20-Volt Rating)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

CD4019B Fiches technique(HTML) 8 Page - Texas Instruments

Back Button CD4019B Datasheet HTML 4Page - Texas Instruments CD4019B Datasheet HTML 5Page - Texas Instruments CD4019B Datasheet HTML 6Page - Texas Instruments CD4019B Datasheet HTML 7Page - Texas Instruments CD4019B Datasheet HTML 8Page - Texas Instruments CD4019B Datasheet HTML 9Page - Texas Instruments CD4019B Datasheet HTML 10Page - Texas Instruments CD4019B Datasheet HTML 11Page - Texas Instruments CD4019B Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
23-May-2025
TAPE AND REEL BOX DIMENSIONS
Width (mm)
H
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
CD4019BM96
SOIC
D
16
2500
340.5
336.1
32.0
CD4019BNSR
SOP
NS
16
2000
356.0
356.0
35.0
CD4019BPWR
TSSOP
PW
16
2000
356.0
356.0
35.0
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20