Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CC2550-RTY1 Fiches technique(PDF) 61 Page - Texas Instruments

No de pièce CC2550-RTY1
Description  Low-Cost Low-Power 2.4 GHz RF Transmitter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

CC2550-RTY1 Fiches technique(HTML) 61 Page - Texas Instruments

Back Button CC2550-RTY1 Datasheet HTML 54Page - Texas Instruments CC2550-RTY1 Datasheet HTML 55Page - Texas Instruments CC2550-RTY1 Datasheet HTML 56Page - Texas Instruments CC2550-RTY1 Datasheet HTML 57Page - Texas Instruments CC2550-RTY1 Datasheet HTML 58Page - Texas Instruments CC2550-RTY1 Datasheet HTML 59Page - Texas Instruments CC2550-RTY1 Datasheet HTML 60Page - Texas Instruments CC2550-RTY1 Datasheet HTML 61Page - Texas Instruments CC2550-RTY1 Datasheet HTML 62Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 61 / 62 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
23-May-2025
TRAY
L - Outer tray length without tabs
KO -
Outer
tray
height
W -
Outer
tray
width
P1 - Tray unit pocket pitch
CW - Measurement for tray edge (Y direction) to corner pocket center
CL - Measurement for tray edge (X direction) to corner pocket center
Text
Chamfer on Tray corner indicates Pin 1 orientation of packed units.
*All dimensions are nominal
Device
Package
Name
Package
Type
Pins
SPQ
Unit array
matrix
Max
temperature
(°C)
L (mm)
W
(mm)
K0
(µm)
P1
(mm)
CL
(mm)
CW
(mm)
CC2550-RTY1
RST
VQFNP
16
490
14x35
150
322.6
135.9
7620
8.8
7.9
8.15
CC2550RST
RST
VQFNP
16
490
14x35
150
322.6
135.9
7620
8.8
7.9
8.15
CC2550RST.B
RST
VQFNP
16
490
14x35
150
322.6
135.9
7620
8.8
7.9
8.15
Pack Materials-Page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62