| Moteur de recherche de fiches techniques de composants électroniques |
|
AFE8092 Fiches technique(PDF) 9 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AFE8092 Fiches technique(HTML) 9 Page - Texas Instruments |
|
9 / 13 page ![]() PACKAGE MATERIALS INFORMATION www.ti.com 23-May-2025 TRAY L - Outer tray length without tabs KO - Outer tray height W - Outer tray width P1 - Tray unit pocket pitch CW - Measurement for tray edge (Y direction) to corner pocket center CL - Measurement for tray edge (X direction) to corner pocket center Text Chamfer on Tray corner indicates Pin 1 orientation of packed units. *All dimensions are nominal Device Package Name Package Type Pins SPQ Unit array matrix Max temperature (°C) L (mm) W (mm) K0 (µm) P1 (mm) CL (mm) CW (mm) AFE8092HIABJ ABJ FCBGA 400 90 6 x 15 150 315 135.9 7620 19.5 21 19.2 AFE8092HIABJ.B ABJ FCBGA 400 90 6 x 15 150 315 135.9 7620 19.5 21 19.2 AFE8092IABJ ABJ FCBGA 400 90 6 x 15 150 315 135.9 7620 19.5 21 19.2 AFE8092IABJ.B ABJ FCBGA 400 90 6 x 15 150 315 135.9 7620 19.5 21 19.2 Pack Materials-Page 1 |