Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC12D040CIVS/NOPB Fiches technique(PDF) 29 Page - Texas Instruments

No de pièce ADC12D040CIVS/NOPB
Description  ADC12D040 Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

ADC12D040CIVS/NOPB Fiches technique(HTML) 29 Page - Texas Instruments

Back Button ADC12D040CIVS/NOPB Datasheet HTML 23Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 24Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 25Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 26Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 27Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 28Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 29Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 30Page - Texas Instruments ADC12D040CIVS/NOPB Datasheet HTML 31Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
23-May-2025
TRAY
L - Outer tray length without tabs
KO -
Outer
tray
height
W -
Outer
tray
width
P1 - Tray unit pocket pitch
CW - Measurement for tray edge (Y direction) to corner pocket center
CL - Measurement for tray edge (X direction) to corner pocket center
Text
Chamfer on Tray corner indicates Pin 1 orientation of packed units.
*All dimensions are nominal
Device
Package
Name
Package
Type
Pins
SPQ
Unit array
matrix
Max
temperature
(°C)
L (mm)
W
(mm)
K0
(µm)
P1
(mm)
CL
(mm)
CW
(mm)
ADC12D040CIVS/NOPB
PAG
TQFP
64
160
8 X 20
150
322.6
135.9
7620
15.2
13.1
13
ADC12D040CIVS/
NOPB.A
PAG
TQFP
64
160
8 X 20
150
322.6
135.9
7620
15.2
13.1
13
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31