| Moteur de recherche de fiches techniques de composants électroniques |
|
AS25 Fiches technique(PDF) 1 Page - HellermannTyton. |
|
|
|||||||||||||||||||||||||||||
AS25 Fiches technique(HTML) 1 Page - HellermannTyton. |
|
|
1 / 1 page ![]() 2.9 122 www.hellermanntyton.co.uk Enclosure Solutions XP4000 Reference Description With Stepped Glands and Press Fit Lids IP-44 A Range IP44, IP55, IP56 Junction Boxes • Plastic halogen material • High performaning • Glow wire tested to IEC95-2-1 • AS boxes to 650c, ASH to 950c Reference Description A1 65 x 35 (round) A2 80 x 35 (round) A3 80 x 80 x 40 With smooth Walls and Grey Screw on Lids IP56 AS05 123 x 83 x 62 AS15 103 x 103 x 62 AS25 154 x 113 x 77 AS35 193 x 144 x 79 AS45 242 x 190 x 90 AS65 390 x 310 x 128 *Lid fixing by means of plastic screws c/w box AS55 305 x 225 x 126 Reference Description With Smooth Walls and Transparent Screw on Lids IP56 Reference Description High Lid with Smooth Walls and Grey Screw Lids IP55 ASH15 110 x 110 x 112 ASH25 150 x 110 x 150 ASH35 150 x 150 x 150 ASH45 220 x 150 x 150 ASH55 300 x 220 x 150 *Lid fixing by means of plastic screws c/w box Reference Description Metal Plate PB1 for boxes AS3 - 35 - 35T PB2 for boxes AS4 - 45 - 45T PB3 for boxes AS5 - 55 - 55T PB4 for boxes AS6 - 65 - 65T PB5 for boxes ASH15 - ASH15T PB6 for boxes ASH25 - ASH25T PB7 for boxes ASH35 - ASH35T PB8 for boxes ASH45 - ASH45T PB9 for boxes ASH55 - ASH55T AS35T 190 x 140 x 70 AS45T 240 x 190 x 90 AS55T* 300 x 220 x 150 AS65T* 380 x 300 x 150 *Lid fixing by means of plastic screws c/w box |
Numéro de pièce similaire - AS25 |
|
Description similaire - AS25 |