Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2829DBVRG4 Fiches technique(PDF) 16 Page - Texas Instruments

No de pièce TPS2829DBVRG4
Description  SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2829DBVRG4 Fiches technique(HTML) 16 Page - Texas Instruments

Back Button TPS2829DBVRG4 Datasheet HTML 12Page - Texas Instruments TPS2829DBVRG4 Datasheet HTML 13Page - Texas Instruments TPS2829DBVRG4 Datasheet HTML 14Page - Texas Instruments TPS2829DBVRG4 Datasheet HTML 15Page - Texas Instruments TPS2829DBVRG4 Datasheet HTML 16Page - Texas Instruments TPS2829DBVRG4 Datasheet HTML 17Page - Texas Instruments TPS2829DBVRG4 Datasheet HTML 18Page - Texas Instruments TPS2829DBVRG4 Datasheet HTML 19Page - Texas Instruments TPS2829DBVRG4 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
TPS2816, TPS2817, TPS2818, TPS2819, TPS2828, TPS2829,
SINGLECHANNEL HIGHSPEED MOSFET DRIVER
SLVS160C – FEBRUARY 1997 – REVISED OCTOBER 2002
16
www.ti.com
APPLICATION INFORMATION
Regulator
1
2
3
5
4
U1
TPS2817DBV
C8
C7
CR1
C9
C10
L1
+
C12
+
C13
R4
C11
R7
R6
+
C6
5
1
OUT
SCP
8
7
4
R3
3
6
2
C3
C2
R2
C4
C9
+
Q1
TPS1110D
DTC
COMP
FB
RT
VCC
GND
U2
TL5001CD
4.5 V to 7 V
GND
VO
3 A Continuous
5 A Peak
GND
R1
R5
C5
Figure 23. Step-Down Application
NOTE: If the parasitics of the external circuit cause the voltage to violate the Absolute Maximum
Rating for the Output pins, Schottky diodes should be added from ground to output and from output
to Vcc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com