Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2829 Fiches technique(PDF) 18 Page - Texas Instruments

No de pièce TPS2829
Description  SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2829 Fiches technique(HTML) 18 Page - Texas Instruments

Back Button TPS2829 Datasheet HTML 14Page - Texas Instruments TPS2829 Datasheet HTML 15Page - Texas Instruments TPS2829 Datasheet HTML 16Page - Texas Instruments TPS2829 Datasheet HTML 17Page - Texas Instruments TPS2829 Datasheet HTML 18Page - Texas Instruments TPS2829 Datasheet HTML 19Page - Texas Instruments TPS2829 Datasheet HTML 20Page - Texas Instruments TPS2829 Datasheet HTML 21Page - Texas Instruments TPS2829 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
TPS2816, TPS2817, TPS2818, TPS2819, TPS2828, TPS2829,
SINGLECHANNEL HIGHSPEED MOSFET DRIVER
SLVS160C – FEBRUARY 1997 – REVISED OCTOBER 2002
18
www.ti.com
APPLICATION INFORMATION
The efficiency for various output currents, with a 5.25-V input, is shown in Figure 26. For a 3.3-V output, the
efficiency is greater than 90% for loads up to 2 A – exceptional for a simple, inexpensive design.
80
75
70
0
0.5
1
1.5
2
2.5
3
85
90
Load Current – A
95
3.5
4
4.5
5
VO = 3.3 V
VO = 2.5 V
VI = 5.25 V
TA = 25°C
Figure 26. Converter Efficiency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com