| Moteur de recherche de fiches techniques de composants électroniques |
|
TPS2047 Fiches technique(PDF) 17 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TPS2047 Fiches technique(HTML) 17 Page - Texas Instruments |
|
17 / 26 page ![]() TPS2047, TPS2057 TRIPLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES SLVS194 – APRIL 1999 17 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION GND1 IN1 EN1 EN2 OC1 OC2 OUT1 OUT2 TPS2047 GND1 IN1 EN1 EN2 OC1 OC2 OUT1 OUT2 TPS2047 Rpullup V+ Rfilter Rpullup Cfilter To USB Controller V+ OC3 NC OUT3 NC GND2 IN2 EN3 NC GND2 IN2 EN3 NC OC3 NC OUT3 NC Figure 30. Typical Circuit for OC Pin and RC Filter for Damping Inrush OC Responses power dissipation and junction temperature The low on-resistance on the n-channel MOSFET allows small surface-mount packages, such as SOIC, to pass large currents. The thermal resistances of these packages are high compared to those of power packages; it is good design practice to check power dissipation and junction temperature. The first step is to find rDS(on) at the input voltage and operating temperature. As an initial estimate, use the highest operating ambient temperature of interest and read rDS(on) from Figure 21. Next, calculate the power dissipation using: P D + r DS(on) I2 Finally, calculate the junction temperature: T J + P D RqJA ) TA Where: TA = Ambient Temperature °C RθJA = Thermal resistance SOIC = 172°C/W Compare the calculated junction temperature with the initial estimate. If they do not agree within a few degrees, repeat the calculation, using the calculated value as the new estimate. Two or three iterations are generally sufficient to get a reasonable answer. |