Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IP178C-DS-R06 Fiches technique(PDF) 53 Page - List of Unclassifed Manufacturers

No de pièce IP178C-DS-R06
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

IP178C-DS-R06 Fiches technique(HTML) 53 Page - List of Unclassifed Manufacturers

Back Button IP178C-DS-R06 Datasheet HTML 49Page - List of Unclassifed Manufacturers IP178C-DS-R06 Datasheet HTML 50Page - List of Unclassifed Manufacturers IP178C-DS-R06 Datasheet HTML 51Page - List of Unclassifed Manufacturers IP178C-DS-R06 Datasheet HTML 52Page - List of Unclassifed Manufacturers IP178C-DS-R06 Datasheet HTML 53Page - List of Unclassifed Manufacturers IP178C-DS-R06 Datasheet HTML 54Page - List of Unclassifed Manufacturers IP178C-DS-R06 Datasheet HTML 55Page - List of Unclassifed Manufacturers IP178C-DS-R06 Datasheet HTML 56Page - List of Unclassifed Manufacturers IP178C-DS-R06 Datasheet HTML 57Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 93 page
background image
IP178C/IP178C LF/IP178CH/IP178CH LF
Datasheet
53/93
June 21, 2007
Copyright © 2004, IC Plus Corp.
IP178Cx-DS-R12
PHY
MII
ROM
R/W
Description
Default
Auto-Negotiation Advertisement register (address 04)
0
4.15
--
Next Page
Not supported
0
0
4.14
--
RW
Reserved by IEEE, write as 0, ignore on read
0
0
4.13
--
R/W
Remote Fault
Not supported
0
0
4[12:11]
--
RO
Reserved for future IEEE use, write as 0, ignore on read
0
0
4.10
--
RW
Pause
1 = Advertises that this device has implemented pause function
0 = No pause function supported
0
0
4.9
--
RW
100BASE-T4 Not supported
0
0
4.8
--
R/W
100BASE-TX full duplex
1 = 100BASE-TX full duplex is supported
0 = 100BASE-TX full duplex is not supported
1
0
4.7
--
R/W
100BASE-TX
1 = 100BASE-TX is supported
0 = 100BASE-TX is not supported
1
0
4.6
--
R/W
10BASE-T full duplex
1 = 10BASE-T full duplex is supported
0 = 10BASE-T full duplex is not supported
1
0
4.5
--
R/W
10BASE-T
1 = 10BASE-T is supported
0 = 10BASE-T is not supported
1
0
4[4:0]
--
R/W
Selector Field
Use to identify the type of message being sent by
Auto-Negotiation.
00001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93