Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IP175C-DS-R07 Fiches technique(PDF) 39 Page - List of Unclassifed Manufacturers

No de pièce IP175C-DS-R07
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

IP175C-DS-R07 Fiches technique(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button IP175C-DS-R07 Datasheet HTML 35Page - List of Unclassifed Manufacturers IP175C-DS-R07 Datasheet HTML 36Page - List of Unclassifed Manufacturers IP175C-DS-R07 Datasheet HTML 37Page - List of Unclassifed Manufacturers IP175C-DS-R07 Datasheet HTML 38Page - List of Unclassifed Manufacturers IP175C-DS-R07 Datasheet HTML 39Page - List of Unclassifed Manufacturers IP175C-DS-R07 Datasheet HTML 40Page - List of Unclassifed Manufacturers IP175C-DS-R07 Datasheet HTML 41Page - List of Unclassifed Manufacturers IP175C-DS-R07 Datasheet HTML 42Page - List of Unclassifed Manufacturers IP175C-DS-R07 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 111 page
background image
IP175C/IP175C LF/IP175CH/IP175CH LF
Data Sheet
39/111
Mar 09, 2007
Copyright © 2004, IC Plus Corp.
IP175C/IP175CH-DS-R14
MII2 PHY mode (interface to an external MAC, MII registers can be accessed via MDC0, MDIO0)
EEPROM
MII register
Pin
Name
Reg
Name
Phy
Reg
MII2 speed
P3_FORCE_100
P3_FORCE_100
20.3
P3_FORCE_100
29
22.9
MII2 duplex
P3_FORCE_FULL P3_FORCE_FULL
21.3
P3_FORCE_FULL
29
22.4
MII2 pause
--
MAC_X_EN
4.3
MAC_X_EN
29
18.10
MII2 MAC mode (interface to an external PHY), there are two ways to set MII2 speed, duplex and pause.
1. IP175C/IP175CH reads the MII registers 0~5 of external PHY through MDC1, MDIO1.
MII2
Speed
Duplex
Pause
1.
IP175C/IP175CH polls the external PHY with address defined in MII register
31.4[4:0]. The default address value is 00001.
2.
After reset, IP175C/IP175CH writes the speed/duplex/pause capability to the
external PHY using the content of MII register 31.4[12:8].
3.
IP175C/IP175CH reads MII register 0~5 of external PHY as MII2 speed,
duplex and pause continuously.
2. Force mode (MDC1 and MDIO1 are not connected to external PHY)
EEPROM
MII register
Pin
Name
Reg
Name
Phy
Reg
MII2 speed
P3_FORCE_100
P3_FORCE_100
20.3
P3_FORCE_100
29
22.9
MII2 duplex
P3_FORCE_FULL P3_FORCE_FULL
21.3
P3_FORCE_FULL
29
22.4
MII2 pause
--
MAC_X_EN
4.3
MAC_X_EN
29
18.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More