Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IP178C-DS-R04 Fiches technique(PDF) 44 Page - List of Unclassifed Manufacturers

No de pièce IP178C-DS-R04
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

IP178C-DS-R04 Fiches technique(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button IP178C-DS-R04 Datasheet HTML 40Page - List of Unclassifed Manufacturers IP178C-DS-R04 Datasheet HTML 41Page - List of Unclassifed Manufacturers IP178C-DS-R04 Datasheet HTML 42Page - List of Unclassifed Manufacturers IP178C-DS-R04 Datasheet HTML 43Page - List of Unclassifed Manufacturers IP178C-DS-R04 Datasheet HTML 44Page - List of Unclassifed Manufacturers IP178C-DS-R04 Datasheet HTML 45Page - List of Unclassifed Manufacturers IP178C-DS-R04 Datasheet HTML 46Page - List of Unclassifed Manufacturers IP178C-DS-R04 Datasheet HTML 47Page - List of Unclassifed Manufacturers IP178C-DS-R04 Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 93 page
background image
IP178C/IP178C LF/IP178CH/IP178CH LF
Datasheet
44/93
June 21, 2007
Copyright © 2004, IC Plus Corp.
IP178Cx-DS-R12
2.10
Spanning tree
IP178C/IP178CH supports spanning tree function with the following features:
1. Detect BPDU frames by examining multicast address (01-80-c2-00-00-00).
2. Forward BPDU packets to CPU through MII and add special tag for source port information.
Forward BPDU packets from CPU according to the special tag in a frame.
Please refer to section “Tag VLAN / Tag and un-tag function”.
Port states
To support spanning tree protocol, each port of IP178C/IP178CH provides five port states shown in the
following table. Port 0~7 of IP178C/IP178CH can be configured in one of the five spanning tree states
individually by programming MII register 31.13 to enable (disable) forwarding and learning function. Port
8 (MII) is dedicated for CPU.
State
Fwd BPDU
packet to CPU
Fwd BPDU packet
from CPU
Address
learning
Fwd all packet
normally
(Forward enable,
Learning enable)
Disable
X (note 2)
X (note 2)
X
X
(0,0)
Blocking
O
X (note 3)
X
X
(0,0)
Listening
O
O
X
X
(0,0)
Learning
O
O
O
X
(0,1)
Forwarding
O
O
O
O
(1,1)
Note1: O: enabled, X: disabled
Note2: CPU should not send packets to IP178C/IP178CH and should discard packets from
IP178C/IP178CH.
Note3: CPU should not send packets to IP178C/IP178CH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93