Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IP178CHLF Fiches technique(PDF) 39 Page - List of Unclassifed Manufacturers

No de pièce IP178CHLF
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

IP178CHLF Fiches technique(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button IP178CHLF Datasheet HTML 35Page - List of Unclassifed Manufacturers IP178CHLF Datasheet HTML 36Page - List of Unclassifed Manufacturers IP178CHLF Datasheet HTML 37Page - List of Unclassifed Manufacturers IP178CHLF Datasheet HTML 38Page - List of Unclassifed Manufacturers IP178CHLF Datasheet HTML 39Page - List of Unclassifed Manufacturers IP178CHLF Datasheet HTML 40Page - List of Unclassifed Manufacturers IP178CHLF Datasheet HTML 41Page - List of Unclassifed Manufacturers IP178CHLF Datasheet HTML 42Page - List of Unclassifed Manufacturers IP178CHLF Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 93 page
background image
IP178C/IP178C LF/IP178CH/IP178CH LF
Datasheet
39/93
June 21, 2007
Copyright © 2004, IC Plus Corp.
IP178Cx-DS-R12
A programming example of SMART MAC
Register
Content
Description
Tag/ un-tag function setup
30.13[12]
0
MII0 doesn’t strip the tag of an outgoing packet.
30.12[8]
1
MII0 adds a tag to an outgoing packet.
30.13[11:4]
111_1111
Port0~7 strip the tag of an outgoing packet.
30.12[7:0]
000_0000
Port0~7 doesn’t add a tag to an outgoing packet.
PVID function setup
30.3~30.9
16’h0001
Define PVID of port0~port6
30.10
16’h0002
Define PVID of port7
30.11
16’h0002
Define PVID of MII0
VLAN Mask function setup
30.14[8:0]
9’h1ff
TAG_VLAN_MASK_1
30.15[8:0]
9’h17f
TAG_VLAN_MASK_2
SMART MAC function setup
30.30[10:8]
001
Define 1 LAN group
30.30[11]
1
Enable router function
30.13[2:0]
000
Define VID index as 000
30.13[3]
1
Enable tag VLAN
30.30[7:0]
100_0000
Define port 7 as a WAN port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93