Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IP101ALF-DS-R12 Fiches technique(PDF) 25 Page - List of Unclassifed Manufacturers

No de pièce IP101ALF-DS-R12
Description  Single port 10/100 Fast Ethernet Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

IP101ALF-DS-R12 Fiches technique(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button IP101ALF-DS-R12 Datasheet HTML 21Page - List of Unclassifed Manufacturers IP101ALF-DS-R12 Datasheet HTML 22Page - List of Unclassifed Manufacturers IP101ALF-DS-R12 Datasheet HTML 23Page - List of Unclassifed Manufacturers IP101ALF-DS-R12 Datasheet HTML 24Page - List of Unclassifed Manufacturers IP101ALF-DS-R12 Datasheet HTML 25Page - List of Unclassifed Manufacturers IP101ALF-DS-R12 Datasheet HTML 26Page - List of Unclassifed Manufacturers IP101ALF-DS-R12 Datasheet HTML 27Page - List of Unclassifed Manufacturers IP101ALF-DS-R12 Datasheet HTML 28Page - List of Unclassifed Manufacturers IP101ALF-DS-R12 Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
IP101A LF
Data Sheet
Auto MDIX function
IP101A LF will keep sensing incoming signal in MDI RX pair, if no incoming signal is detected, IP101A LF
will switch TX and RX pairs automatically trying to establish connection. IP101A LF supports this function
both in Auto-Negotiation mode and force mode.
LED Configuration
IP101A LF provides 2 LED operation modes,
Mode 1
(default):
25/36
Oct 22, 2007
Copyright © 2004, IC Plus Corp.
IP101A LF-DS-R12
LED
Function
LED0
Link status: Active indicates the link has established
LED1
Duplex operation: Active indicates full duplex
LED2
10BT/ACT: Active indicates 10Mbps connection has established, and blinking while
TX/RX events occur.
LED3
100BT/ACT: Active indicates 100Mbps connection has established, and blinking
while TX/RX events occur.
LED4
Collision detect: Active indicates Collision has occurred
Mode 2
(could be set by pulling up CRS with a 4.7K resistor):
LED
Function
LED0
Link/ACT: Active indicates the link has established, and blinking while TX/RX events
occur.
LED1
Duplex/COL: Active indicates full duplex, and blinking while collision events occur.
LED2
10BT: Active indicates 10Mbps connection has established
LED3
100BT: Active indicates 100Mbps connection has established
LED4
Reserved.
LED pins also include the information of PHY address, the default PHY address is set at 00001b (01h).
The PHY address can be modified by changing the LED circuitry. The modification can be arranged as
follow:
LEDx {X=0:4}
R26
510 ohm
R27
5.1k ohm
VDD33
D6
LED
R27
5.1k ohm
D6
LED
LEDx {X=0:4}
R26
510 ohm
Figure 3: PHY address Configuration
The left diagram will enable the specific PHY address to 1, if it is connected to VDD33. The diagram on
the right shows the configuration for setting PHY address to 0, when the circuit is connected to ground.
By setting either one of the bits according to the diagram will allow one to modify PHY addresses from
PHYAD0 to PHYAD4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36