Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IP178CLF Fiches technique(PDF) 9 Page - List of Unclassifed Manufacturers

No de pièce IP178CLF
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

IP178CLF Fiches technique(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button IP178CLF Datasheet HTML 5Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 6Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 7Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 8Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 9Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 10Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 11Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 12Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 93 page
background image
IP178C/IP178C LF/IP178CH/IP178CH LF
Datasheet
The differences in application circuit between IP178B and IP178C/IP178CH (continued)
IP178B
IP178C/IP178CH
C. Router (EXTMII_EN=1, BI_COLOR=0)
NA
9/93
June 21, 2007
Copyright © 2004, IC Plus Corp.
IP178Cx-DS-R12
3.3v
VCC_O
REGOUT
PNP
AVCC=DVCC
LED
178C
3.3v
RESETB
1.8v
R
Note: R is a pull up resistor for configuration. It
should be connected to VCC_O.
D. Router (EXTMII_EN=1, BI_COLOR=1)
NA
VCC_O
REGOUT
PNP
AVCC=DVCC
LED
178C
3.3v
R
3.3v
1.8v
RESETB
LED
Note: R is a pull up resistor for configuration. It
should be connected to VCC_O.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93