Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IP175CH Fiches technique(PDF) 7 Page - List of Unclassifed Manufacturers

No de pièce IP175CH
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

IP175CH Fiches technique(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button IP175CH Datasheet HTML 3Page - List of Unclassifed Manufacturers IP175CH Datasheet HTML 4Page - List of Unclassifed Manufacturers IP175CH Datasheet HTML 5Page - List of Unclassifed Manufacturers IP175CH Datasheet HTML 6Page - List of Unclassifed Manufacturers IP175CH Datasheet HTML 7Page - List of Unclassifed Manufacturers IP175CH Datasheet HTML 8Page - List of Unclassifed Manufacturers IP175CH Datasheet HTML 9Page - List of Unclassifed Manufacturers IP175CH Datasheet HTML 10Page - List of Unclassifed Manufacturers IP175CH Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 111 page
background image
IP175C/IP175C LF/IP175CH/IP175CH LF
Data Sheet
Pin diagram (IP175C)
TX O M 0
BG RES
AG ND
AG ND
TX O P3
AVCC
RXIM 2
TX O P 2
LO W _1 0M _E N
1
2
3
4
12
13
5
6
7
8
9
10
11
14
15
16
17
18
19
20
21
22
23
24
25
26
28
30
27
29
10 2
92
91
10 1
98
97
96
94
95
93
100
99
90
89
88
87
86
8 5
84
83
82
81
80
79
78
77
76
75
74
73
IP 175C
AV C C
31
32
33
34
35
36
37
38
72
71
70
69
68
67
66
65
RXIP 2
AVCC
AG ND
AV C C
GN D
RXD0_3 P 4_F O RCE
RXD0_2 P 3_F O RCE
RXD0_1 P 2_F O RCE
TX O M 3
AG ND
AV CC
AG ND
TX O M 2
RX IM 4
RXIP 4
AG ND
AG ND
RXIP 3
RXIM 3
RX IP 1
RXIM 1
AV C C
TX O P1
TX O M 1
AG ND
RXD1_1 LO NG _PKT
RXD1_2 A G ING R M II1_PHY_CLK_O UT
AVCC
RXD1_0 M A C_X _EN
RXD0_0 P 1_F O RCE
M II0_R X C L K R M II0_C LK _IN
MD IO 0
CO L 0 P0 _F O RCE
LE D_LINK [0 ] T XEN2 M II0_M AC_ M O DE
L E D_SPEED [0] T X D2_3 R M II2_CL K _O UT
LE D _F U LL [0] T X D 2_ 2 X _E N
VCC_SRAM
G N D _SRAM
LE D_LINK [1 ] T X D2 _1 LINK _Q
LED_SPEE D[1] T X D 2_0 BF _S T M _EN
TX O P0
CO L 1 F ILT ER_RSV _DA
VCC_O _2
GN D_O _ 2
P4EXT M D IO 1
P4M II_ SNI
T X EN0 P 4_F O RCE
T X D0_3 P 3_F OR CE RM II0 _CLK _ O UT
LE D _S E L[1]
LED_SEL[0]
AG ND
VCC_O _1
G ND_O _1
RESETB
VCC
TX O P 4
TX O M 4
NC
RXDV0
M II0_T X C LK
T X D0_0 P 0_F OR CE
TXD 0_1 P1_F O R C E
T X D0_2 P 2_F OR CE
MD C0
M II1_RXCL K RM II1 _M A C_CLK_IN
AV C C
Mar 09, 2007
7/111
Copyright © 2004, IC Plus Corp.
IP175C/IP175CH-DS-R14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More