Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IP175C Fiches technique(PDF) 96 Page - List of Unclassifed Manufacturers

No de pièce IP175C
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

IP175C Fiches technique(HTML) 96 Page - List of Unclassifed Manufacturers

Back Button IP175C Datasheet HTML 92Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 93Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 94Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 95Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 96Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 97Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 98Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 99Page - List of Unclassifed Manufacturers IP175C Datasheet HTML 100Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 111 page
background image
IP175C/IP175C LF/IP175CH/IP175CH LF
Data Sheet
96/111
Mar 09, 2007
Copyright © 2004, IC Plus Corp.
IP175C/IP175CH-DS-R14
MII0 MAC mode register
PHY
MII
ROM
R/W
Description
Default
31
3.15
--
RO
Flow control capability of the link partner of external PHY on MII0
1: link partner supports flow control,
0: link partner does not support flow control
1
31
3.14
--
RO
Mac_force[0]
1: MII0’s speed and duplex are forced because IP175C/IP175CH
finds external PHY doesn’t support SMI
0: MII0 polls external PHY through SMI to decide its speed and duplex.
31
3.13
--
RO
MII0_link
1: link ok, 0: un-link
31
3[12:8]
98[4:0]
R/W Capability of external PHY on MII0
bit12: flow control ability,
bit11: 100M full duplex,
bit10 : 100M half duplex,
bit9 : 10M full duplex,
bit8: 10M half duplex
11111
31
3.7
--
RO
Speed of external PHY on MII0
1: 10M,
0: 100M
0
31
3.6
--
RO
Duplex of external PHY on MII0
1: full duplex,
0: half duplex
0
31
3.5
--
RO
Link status of external PHY on MII0
1: link on,
0: link off
0
31
3[4:0]
97[4:0]
R/W MII0_mac_phy_addr
00000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More