Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IP101ALF-DS-R07 Fiches technique(PDF) 29 Page - List of Unclassifed Manufacturers

No de pièce IP101ALF-DS-R07
Description  Single port 10/100 Fast Ethernet Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

IP101ALF-DS-R07 Fiches technique(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button IP101ALF-DS-R07 Datasheet HTML 25Page - List of Unclassifed Manufacturers IP101ALF-DS-R07 Datasheet HTML 26Page - List of Unclassifed Manufacturers IP101ALF-DS-R07 Datasheet HTML 27Page - List of Unclassifed Manufacturers IP101ALF-DS-R07 Datasheet HTML 28Page - List of Unclassifed Manufacturers IP101ALF-DS-R07 Datasheet HTML 29Page - List of Unclassifed Manufacturers IP101ALF-DS-R07 Datasheet HTML 30Page - List of Unclassifed Manufacturers IP101ALF-DS-R07 Datasheet HTML 31Page - List of Unclassifed Manufacturers IP101ALF-DS-R07 Datasheet HTML 32Page - List of Unclassifed Manufacturers IP101ALF-DS-R07 Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
IP101A LF
Data Sheet
29/36
Oct 22, 2007
Copyright © 2004, IC Plus Corp.
IP101A LF-DS-R12
5
Crystal Specifications
Item
Parameter
Range
1
Nominal Frequency
25.000 MHz
2
Oscillation Mode
Fundamental Mode
3
Frequency Tolerance at 25℃
+/- 50 ppm
4
Temperature Characteristics
+/- 50 ppm
5
Operating Temperature Range
-10℃ ~ +70℃
6
Equivalent Series Resistance
40 ohm Max.
7
Drive Level
100μW
8
Load Capacitance
20 pF
9
Shunt Capacitance
7 pF Max
10
Insulation Resistance
Mega ohm Min./DC 100V
11
Aging Rate A Year
+/- 5 ppm/year



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36