Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IP1001-DS-R06 Fiches technique(PDF) 23 Page - List of Unclassifed Manufacturers

No de pièce IP1001-DS-R06
Description  Integrated 10/100/1000 Gigabit Ethernet Transceiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

IP1001-DS-R06 Fiches technique(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button IP1001-DS-R06 Datasheet HTML 19Page - List of Unclassifed Manufacturers IP1001-DS-R06 Datasheet HTML 20Page - List of Unclassifed Manufacturers IP1001-DS-R06 Datasheet HTML 21Page - List of Unclassifed Manufacturers IP1001-DS-R06 Datasheet HTML 22Page - List of Unclassifed Manufacturers IP1001-DS-R06 Datasheet HTML 23Page - List of Unclassifed Manufacturers IP1001-DS-R06 Datasheet HTML 24Page - List of Unclassifed Manufacturers IP1001-DS-R06 Datasheet HTML 25Page - List of Unclassifed Manufacturers IP1001-DS-R06 Datasheet HTML 26Page - List of Unclassifed Manufacturers IP1001-DS-R06 Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
IP1001 LF
Data Sheet
23/48
Dec. 18, 2007
Copyright © 2006, IC Plus Corp.
IP1001-DS-R06
3.7
Auto-Negotiation
IP1001 will performs Auto-Negotiation automatically if one of the following conditions happened:
1) Power up reset, hardware reset, or software reset (by programming MII register 0.15).
2) Restart Auto-Negotiation (by programming MII register 0.9).
3) Transition from power down to power up (by programming MII register 0.11).
4) Link is down.
Once Auto-Negotiation is initiated, IP1001 sends out the appropriate base pages/ next pages to advertise its
capability and negotiate with the link partner to determine speed, duplex, and master/slave. Note that IP1001
handles the base page/ next page exchanges automatically without user intervention. To link at giga mode,
the link partner of IP1001 has to support Auto-Negotiation, too. Once IP1001 completes Auto-Negotiation it
updates the statuses in registers 1, 5, 6, 10 and 17. The advertised abilities can be changed by writing
registers 4 and 9. It is noted that a write access to register 4 or 9 has no effect once the IP1001 begins
transmitting Fast Link Pulses (FLPs). This guarantees that the transmitted FLPs are consistent. Register 7 is
treated in a similar way as registers 4 and 9 during additional next page exchanges.
If the link partner doesn’t support Auto-Negotiation, IP1001 determines the link speed using parallel detection
and the link result is either 10M half duplex or 100M half duplex. Please refer to IEEE 802.3 clause 28 and 40
for more detailed description of Auto-Negotiation.
Auto-Negotiation can be disabled by programming register 0.12. When Auto-Negotiation is disabled, the
speed and duplex of IP1001 can be changed by programming registers 0.13, 0.6 and 0.8, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48