Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IP1001-DS-R01 Fiches technique(PDF) 35 Page - List of Unclassifed Manufacturers

No de pièce IP1001-DS-R01
Description  Integrated 10/100/1000 Gigabit Ethernet Transceiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

IP1001-DS-R01 Fiches technique(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button IP1001-DS-R01 Datasheet HTML 31Page - List of Unclassifed Manufacturers IP1001-DS-R01 Datasheet HTML 32Page - List of Unclassifed Manufacturers IP1001-DS-R01 Datasheet HTML 33Page - List of Unclassifed Manufacturers IP1001-DS-R01 Datasheet HTML 34Page - List of Unclassifed Manufacturers IP1001-DS-R01 Datasheet HTML 35Page - List of Unclassifed Manufacturers IP1001-DS-R01 Datasheet HTML 36Page - List of Unclassifed Manufacturers IP1001-DS-R01 Datasheet HTML 37Page - List of Unclassifed Manufacturers IP1001-DS-R01 Datasheet HTML 38Page - List of Unclassifed Manufacturers IP1001-DS-R01 Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
IP1001 LF
Data Sheet
35/48
Dec. 18, 2007
Copyright © 2006, IC Plus Corp.
IP1001-DS-R06
4.10
1000BASE-T Control Register (Reg9)
Bit
Name
Description
Type
HW
Reset
SW
Reset
9[7:0]
Reserved
Ignore when read
R/W
Reserved to
0x00
9.8
1000BASE-T Half
Duplex
1: Advertise 1000BASE-T half duplex capable
0: Not advertise
R/W
1
0
9.9
1000BASE-T Full
Duplex
1: Advertise 1000BASE-T full duplex capable
0: Not advertise
R/W
1
0
9.10
Port Type
1: Prefer multi-port device (MASTER)
0: Prefer single-port device (SLAVE)
R/W
1
0
9.11
Configuration
Value
1: Manual configure as MASTER
0: Manual configure as SLAVE
It is valid only if bit 9.12 is set to 1.
R/W
0
0
9.12
Manual
Configuration
Enable
1: Manual Configuration Enabled
0: Manual Configuration Disabled
R/W
0
0
1000BASE_T test mode defined in IEEE802.3
clause 40.6.
9[15:13] Mode
000
Normal Mode
001
Test Mode 1
- Transmit waveform test
010
Test Mode 2 - Transmit Jitter test in
MASTER mode
011
Test Mode 3 - Transmit Jitter test in
SLAVE mode
100
Test Mode 4 - Transmit distortion
test
9[15:13] Test mode
Others
Reserved
R/W
000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48