Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IP113MLF-DS-R06 Fiches technique(PDF) 52 Page - List of Unclassifed Manufacturers

No de pièce IP113MLF-DS-R06
Description  Managed 10/100Base-TX / FX Media Converter
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

IP113MLF-DS-R06 Fiches technique(HTML) 52 Page - List of Unclassifed Manufacturers

Back Button IP113MLF-DS-R06 Datasheet HTML 48Page - List of Unclassifed Manufacturers IP113MLF-DS-R06 Datasheet HTML 49Page - List of Unclassifed Manufacturers IP113MLF-DS-R06 Datasheet HTML 50Page - List of Unclassifed Manufacturers IP113MLF-DS-R06 Datasheet HTML 51Page - List of Unclassifed Manufacturers IP113MLF-DS-R06 Datasheet HTML 52Page - List of Unclassifed Manufacturers IP113MLF-DS-R06 Datasheet HTML 53Page - List of Unclassifed Manufacturers IP113MLF-DS-R06 Datasheet HTML 54Page - List of Unclassifed Manufacturers IP113MLF-DS-R06 Datasheet HTML 55Page - List of Unclassifed Manufacturers IP113MLF-DS-R06 Datasheet HTML 56Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 58 page
background image
IP113M LF
Preliminary Data Sheet
52/58
April 9, 2007
Copyright © 2004, IC Plus Corp.
IP113M LF-DS-R11
Extended MII registers and EEPROM registers 25
MII
ROM
NAME
R/W
DESCRIPTION
DEFAULT
Remote control Transmit register 2 (MII register 25D)
25[15:0]
--
mg_rem_wt_data
R/W
Remote control write data
If a remote write command is issued, that is,
MII register 24[6:4] is programmed as 111.
The content in this register will be embedded
into S[15:0] of a maintenance and is sent to
the link partner. The link partner, an IP113M
LF, will update the addressed MII register
with the value defined in this register after
receiving the remote write command.
16’b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58