Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IP113ALF-DS-R04 Fiches technique(PDF) 9 Page - List of Unclassifed Manufacturers

No de pièce IP113ALF-DS-R04
Description  10 /100Base-Tx/Fx Media Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

IP113ALF-DS-R04 Fiches technique(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button IP113ALF-DS-R04 Datasheet HTML 5Page - List of Unclassifed Manufacturers IP113ALF-DS-R04 Datasheet HTML 6Page - List of Unclassifed Manufacturers IP113ALF-DS-R04 Datasheet HTML 7Page - List of Unclassifed Manufacturers IP113ALF-DS-R04 Datasheet HTML 8Page - List of Unclassifed Manufacturers IP113ALF-DS-R04 Datasheet HTML 9Page - List of Unclassifed Manufacturers IP113ALF-DS-R04 Datasheet HTML 10Page - List of Unclassifed Manufacturers IP113ALF-DS-R04 Datasheet HTML 11Page - List of Unclassifed Manufacturers IP113ALF-DS-R04 Datasheet HTML 12Page - List of Unclassifed Manufacturers IP113ALF-DS-R04 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
IP113A LF
Preliminary Data Sheet
9/22
April 9, 2007
Copyright © 2004, IC Plus Corp.
IP113A LF-DS-R08
1.
PIN Description (continued)
Pin no.
Label
Type
Description
MC operation mode
21
LFP
IPL
Link fault pass through (LFP)
1: enable
Link status of one port is forwarded to the other port.
0: disable (default)
22,
23
DIRECT_WIRE,
FAST_FWD
IPL
DIRECT_
WIRE
FAST_FWD
Function
0
0
Store and forward switch mode
(default)
0
1
Modified cut-through switch
mode
1
0
Converter mode
1
1
Converter mode with
auto-change-forward function
Store and forward switch mode:
IP113A LF will begin to transmit a frame right after the
completion of receiving a frame.
Modified cut-through switch mode:
IP113A LF will begin to forward a frame after the first 64
bytes data received. TP port should be forced at 100M at
this mode.
Converter mode:
Incoming frames are not buffered in IP113A LF to achieve
the min latency. Both TP port and fiber port of IP113A LF
should work at 100M full duplex in this mode. If TP port is
linked at half duplex, the total length of UTP cable and fiber
should be less than 60 meters to meet the requirement of
CSMACD in IEEE802.3.
Converter mode with auto-change-forward function:
IP113A LF will change to forward mode if it detects the
speed is different in TP port and FX port.
In converter mode, IP113A LF forwards IEEE802.3x pause
frame directly. In the other modes, IP113A LF doesn’t
forward IEEE802.3x pause frame directly, it sends out
pause frame when its internal buffer is full.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22