Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LAG6SP Fiches technique(PDF) 14 Page - OSRAM GmbH

No de pièce LAG6SP
Description  Advanced Power TOPLED Enhanced ThinFilm LED Lead (Pb) Free Product - RoHS Compliant
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LAG6SP Fiches technique(HTML) 14 Page - OSRAM GmbH

Back Button LAG6SP Datasheet HTML 7Page - OSRAM GmbH LAG6SP Datasheet HTML 8Page - OSRAM GmbH LAG6SP Datasheet HTML 9Page - OSRAM GmbH LAG6SP Datasheet HTML 10Page - OSRAM GmbH LAG6SP Datasheet HTML 11Page - OSRAM GmbH LAG6SP Datasheet HTML 12Page - OSRAM GmbH LAG6SP Datasheet HTML 13Page - OSRAM GmbH LAG6SP Datasheet HTML 14Page - OSRAM GmbH LAG6SP Datasheet HTML 15Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
2007-07-31
14
Vorläufige Daten / Preliminary Data
LR G6SP, LA G6SP, LY G6SP
Anm.: Gemäß IEC 60825-1 (EN 60825-1) gilt:
Note: According IEC 60825-1 (EN 60825-1):
Attention please!
The information describes the type of component and shall not be considered as assured characteristics.
Terms of delivery and rights to change design reserved. Due to technical requirements components may contain
dangerous substances. For information on the types in question please contact our Sales Organization.
If printed or downloaded, please find the latest version in the Internet.
Packing
Please use the recycling operators known to you. We can also help you – get in touch with your nearest sales office.
By agreement we will take packing material back, if it is sorted. You must bear the costs of transport. For packing
material that is returned to us unsorted or which we are not obliged to accept, we shall have to invoice you for any costs
incurred.
Components used in life-support devices or systems must be expressly authorized for such purpose! Critical
components
10) page 15 may only be used in life-support devices or systems11) page 15 with the express written approval of
OSRAM OS.
Revision History: 2007-07-31
Previous Version:
2006-11-17
Page
Subjects (changes since last revision)
Date of change
9
Package Outlines
2006-10-30
8
Lifetime table
2006-11-10
3
Junction temperature
2006-11-13
1, 11
Infonote OS_IN_2007-016
2007-07-31
OHW12884
LED STRAHLUNG
NICHT DIREKT MIT OPTISCHEN
INSTRUMENTEN BETRACHTEN
LED KLASSE 1M
OHW02884
LED RADIATION
DO NOT VIEW DIRECTLY
WITH OPTICAL INSTRUMENTS
CLASS 1M LED PRODUCT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15