Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST2349QTR Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce ST2349QTR
Description  4-bit dual supply level translator without direction control pin
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2349QTR Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button ST2349QTR Datasheet HTML 2Page - STMicroelectronics ST2349QTR Datasheet HTML 3Page - STMicroelectronics ST2349QTR Datasheet HTML 4Page - STMicroelectronics ST2349QTR Datasheet HTML 5Page - STMicroelectronics ST2349QTR Datasheet HTML 6Page - STMicroelectronics ST2349QTR Datasheet HTML 7Page - STMicroelectronics ST2349QTR Datasheet HTML 8Page - STMicroelectronics ST2349QTR Datasheet HTML 9Page - STMicroelectronics ST2349QTR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Device block diagrams
ST2349
6/23
2
Device block diagrams
Figure 2.
ST2349 block diagram
Figure 3.
Application block diagram
= one-shot circuit
EN
I/O VL
I/O VCC
ST2349
VL
VCC
GND
GND
OE
VL
* ST2349 has 4 channels. For simplicity, the above diagram shows only 1 channel.
* When OE is low, all I/Os are in high-impedance mode.
CS00021
VL
VCC
OE
I/OVL1
I/OVCC4
VL
system
controller
VCC
system
controller
VL
VL
VCC
0.1
μF
0.1 μF 1μF
I/OVL2
I/OVL3
I/OVL4
V L VL VL
I/OVCC1
I/OVCC2
I/OVCC3
VCC VCCVCC VCC
CD00023



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23