| Moteur de recherche de fiches techniques de composants électroniques |
|
TMP101NA/250 Fiches technique(PDF) 20 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMP101NA/250 Fiches technique(HTML) 20 Page - Texas Instruments |
|
20 / 31 page ![]() Time (s) -1 1 3 5 7 9 11 13 15 17 19 25 30 35 40 45 50 55 60 65 70 75 80 85 90 95 100 TMP100, TMP101 SBOS231I – JANUARY 2002 – REVISED NOVEMBER 2015 www.ti.com Typical Application (continued) 8.2.3 Application Curve Figure 14 shows the step response of the TMP100 and TMP101 devices to a submersion in an oil bath of 100ºC from room temperature (27ºC). The time constant, or the time for the output to reach 63% of the input step, is 0.9 s. The time-constant result depends on the PCB that the TMP100 and TMP101 devices are mounted. For this test, the TMP100 and TMP101 devices are soldered to a two-layer PCB that measures 0.375 inch × 0.437 inch. Figure 14. Temperature Step Response 20 Submit Documentation Feedback Copyright © 2002–2015, Texas Instruments Incorporated Product Folder Links: TMP100 TMP101 |