Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XC9504B092DAL Fiches technique(PDF) 2 Page - Torex Semiconductor

No de pièce XC9504B092DAL
Description  2 ch. Step-Up / Inverting DC/DC Controller ICs
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOREX [Torex Semiconductor]
Site Internet  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9504B092DAL Fiches technique(HTML) 2 Page - Torex Semiconductor

  XC9504B092DAL Datasheet HTML 1Page - Torex Semiconductor XC9504B092DAL Datasheet HTML 2Page - Torex Semiconductor XC9504B092DAL Datasheet HTML 3Page - Torex Semiconductor XC9504B092DAL Datasheet HTML 4Page - Torex Semiconductor XC9504B092DAL Datasheet HTML 5Page - Torex Semiconductor XC9504B092DAL Datasheet HTML 6Page - Torex Semiconductor XC9504B092DAL Datasheet HTML 7Page - Torex Semiconductor XC9504B092DAL Datasheet HTML 8Page - Torex Semiconductor XC9504B092DAL Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 53 page
background image
2/53
XC9504 Series
PIN NUMBER PIN NAME
FUNCTION
1
EXT 1
Channel 1: External Transistor Drive Pin
<Connected to N-ch Power MOSFET Gate>
2
VDD
Supply Voltage
3
FB1
Channel 1: Output Voltage Monitor Feedback Pin <Threshold value: 0.9V.
Output voltage
can be set freely by connecting split resistor between VOUT1 and GND.>
4
PWM1
Channel 1: PWM/PFM Switching Pin <Control Output 1. PMW control when connected
to VDD, PWM/PFM auto switching when connected to GND.>
5
EN1
Channel 1: Enable Pin <Connected to GND when Output 1 is in stand-by mode.
Connected to VDD when Output 1 is active.
EXT1 is low when in stand-by mode.>
6
EN2
Channel 2: Enable Pin <Connected to GND when Output 2 is in stand-by mode.
Connected to VDD when Output 2 is active.
EXT1 is high when in stand-by mode.>
7
PWM2
Channel 2: PWM/PFM Switching Pin <Control Output 2
.PMW control when connected
to VDD, PWM/PFM auto switching when connected to GND.>
8
FB2
Channel 2: Output Voltage Monitor Feedback Pin <Threshold value: 0.9V.
Output voltage
can be set freely by connecting split resistor between VOUT2 and GND.>
9
GND
Ground
10
EXT2/
Channel 2: External Transistor Drive Pin <Connected to P-ch Power MOSFET Gate>
■PIN CONFIGURATION
■PIN ASSIGNMENT
←
13mm
→
USP-10
(BOTTOM VIEW)
■PRODUCT CLASSIFICATION
●Ordering Information
XC9504
①②③④⑤⑥
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
①
Type of DC/DC Controller
B
: Standard type (10 pin)
② ③
Output Voltage
09
: FB products
②=0, ③=9 fixed
2
: 180kHz
3
: 300kHz (custom)
④
Oscillation Frequency
5
: 500kHz (custom)
A
: MSOP-10
⑤
Packages
D
: USP-10
R
: Embossed tape, standard feed
⑥
Device Orientation
L
: Embossed tape, reverse feed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53