| Moteur de recherche de fiches techniques de composants électroniques |
|
SJS320701 Fiches technique(PDF) 1 Page - Amphenol PCD, Inc |
|
|
|||||||||||||||||||||||||||||
SJS320701 Fiches technique(HTML) 1 Page - Amphenol PCD, Inc |
|
1 / 14 page ![]() www.amphenolpcd.com Milaero@amphenolpcd.com 1-978-624-3400 72 Cherry Hill Drive Beverly, MA 01915 MIL-T-81714 Series II Junction Modules The high pin count, low weight MIL-T-81714 Series II Socket Junction Module System is available in four basic module sizes, accommodating 12-26 AWG wire in a broad selection of bussing arrangements. Modules are supplied with the appropriate and specified MIL-C-39029/22 socket contacts. Socket Junction Systems MIL-T-81714 Series II, Class D Feedback Modules Feedthru Modules Distribution Modules Board Mount Modules Ground Modules Mounting Tracks Key Features and Benefits Improved Performance Significant Ampehnol Pcd design innovations over conventional Series II systems assure superior performance in wire sealing, contact alignment and retention, and module extraction. Feedback Modules The SJM feedback modules and mounting track system offer a lightweight junction system with a full range of bussing arrangements. Distribution Modules Distribution modules provide a variety of contact combinations for power distribution applications and have the same construction and features as the standard Series II modules. Ground Modules SJG grounding modules are available in both center stud and mounting flange versions. Board Mount Pin Modules The socket junction modules indicate on the following pages can also be provided in a solder pin version for mounting directly to printed circuit boards, providing a flexible, compact wiring package and eliminating the need for mounting track. Amphenol Pcd Sealed Splices 47 |
Numéro de pièce similaire - SJS320701 |
|
Description similaire - SJS320701 |