| Moteur de recherche de fiches techniques de composants électroniques |
|
SLAS363 Fiches technique(PDF) 48 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SLAS363 Fiches technique(HTML) 48 Page - Texas Instruments |
|
48 / 56 page ![]() 5–12 BIAS 0.1 µF 0.1 µF 0.1 µF MICIN INP1 INM1 INP2 INM2 0.1 µF Microphone 0.1 µF OUTP1 OUTM1 600 Ω AVDD 0.1 µF AVSS 3.3-V Analog Supply Analog GND 0.1 µF 3.3-V Analog Supply Analog GND DRVDD DRVSS IOVDD 1 k Ω 1 k Ω IOVDD M/S FSD FS DIN DOUT SCLK From DSP or Other Clock Source From DSP From DSP MCLK RESET PWRDN SDA IOVDD 1 k Ω SCL 0.01 µF 0.1 µF 1 µF 0.01 µF 0.1 µF 1 µF DVDD DVSS IOVDD IOVSS To 1.8-V Digital Supply To Digital GND To 3.3-V Digital Supply To Digital GND TLV320AIC15 FSK FSR DX DR CLKR CLKX TLV320C5X I2C Master S2C Figure 5–19. Single-Ended Microphone Input (Internal Common Mode) |