| Moteur de recherche de fiches techniques de composants électroniques |
|
TLE2425CLP.A Fiches technique(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLE2425CLP.A Fiches technique(HTML) 13 Page - Texas Instruments |
|
13 / 25 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 29-May-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) TLE2425CD Active Production SOIC (D) | 8 75 | TUBE Yes NIPDAU Level-1-260C-UNLIM - 2425C TLE2425CD.A Active Production SOIC (D) | 8 75 | TUBE Yes NIPDAU Level-1-260C-UNLIM -55 to 125 2425C TLE2425CDR Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM - 2425C TLE2425CDR.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -55 to 125 2425C TLE2425CLP Active Production TO-92 (LP) | 3 1000 | BULK Yes SN N/A for Pkg Type - 2425C TLE2425CLP.A Active Production TO-92 (LP) | 3 1000 | BULK Yes SN N/A for Pkg Type -55 to 125 2425C TLE2425CPS Active Production SO (PS) | 8 80 | TUBE Yes NIPDAU Level-1-260C-UNLIM - Q2425 TLE2425CPS.A Active Production SO (PS) | 8 80 | TUBE Yes NIPDAU Level-1-260C-UNLIM -55 to 125 Q2425 TLE2425CPSR Active Production SO (PS) | 8 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM - Q2425 TLE2425CPSR.A Active Production SO (PS) | 8 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -55 to 125 Q2425 TLE2425ID Active Production SOIC (D) | 8 75 | TUBE Yes NIPDAU Level-1-260C-UNLIM - 2425I TLE2425ID.A Active Production SOIC (D) | 8 75 | TUBE Yes NIPDAU Level-1-260C-UNLIM -55 to 125 2425I TLE2425IDG4 Active Production SOIC (D) | 8 75 | TUBE Yes NIPDAU Level-1-260C-UNLIM See TLE2425ID 2425I TLE2425IDR Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM - 2425I TLE2425IDR.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -55 to 125 2425I TLE2425ILP Active Production TO-92 (LP) | 3 1000 | BULK Yes SN N/A for Pkg Type - 2425I TLE2425ILP.A Active Production TO-92 (LP) | 3 1000 | BULK Yes SN N/A for Pkg Type -55 to 125 2425I TLE2425MD Active Production SOIC (D) | 8 75 | TUBE Yes NIPDAU Level-1-260C-UNLIM -55 to 125 2425M TLE2425MD.A Active Production SOIC (D) | 8 75 | TUBE Yes NIPDAU Level-1-260C-UNLIM -55 to 125 2425M TLE2425MDRG4 Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -55 to 125 2425M TLE2425MDRG4.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -55 to 125 2425M (1) Status: For more details on status, see our product life cycle. (2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance, reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind. (3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition. Addendum-Page 1 |