| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC16F753 Fiches technique(PDF) 124 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F753 Fiches technique(HTML) 124 Page - Microchip Technology |
|
124 / 230 page ![]() FIGURE 15-2: COMPARATOR MODULE SIMPLIFIED BLOCK DIAGRAM Note 1: When CxON = 0, the Comparator will produce a ‘0’ at the output. 2: When CxON = 0, all multiplexer inputs are disconnected. Cx CxON(1) CxNCH[1:0] 0 1 CXPCH[2:0] CXIN+ MUX - + CxVN CxVP CXOUT To COG Module, Slope test output Q1 D EN Q CXPOL MCOUTX Set CxIF 0 1 CXSYNC CXOE CXOUT DQ SYNCCXOUT DAC_OUT FVR Reference CXIN0- 2 CxHYS det Interrupt det Interrupt To Timer1 CxINTN CxINTP To Data Bus 3 4-7 AGND TRIS bit D EN Q CxON (2) icd_freeze From Timer1 tmr1_clk CxSP 0 1 CXZLF Zero Latency Filter 2 Slope 3 Compensator CXIN1- CXIN2- CXIN3- 0 1 2 3 Slope 4-7 Compensator |