Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F753 Fiches technique(PDF) 3 Page - Microchip Technology

No de pièce PIC16F753
Description  14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F753 Fiches technique(HTML) 3 Page - Microchip Technology

  PIC16F753 Datasheet HTML 1Page - Microchip Technology PIC16F753 Datasheet HTML 2Page - Microchip Technology PIC16F753 Datasheet HTML 3Page - Microchip Technology PIC16F753 Datasheet HTML 4Page - Microchip Technology PIC16F753 Datasheet HTML 5Page - Microchip Technology PIC16F753 Datasheet HTML 6Page - Microchip Technology PIC16F753 Datasheet HTML 7Page - Microchip Technology PIC16F753 Datasheet HTML 8Page - Microchip Technology PIC16F753 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 230 page
background image
 2013-2015 Microchip Technology Inc.
DS40001709C-page 3
PIC16F753/HV753
Pin Diagram – 16-Pin QFN
TABLE 2:
14/16-PIN ALLOCATION TABLE FOR PIC16F753/HV753
RA0
13
12
AN0
FVROUT
DACOUT
—
C1IN0+
—
—
IOC
Y
—
ICSPDAT
RA1
12
11
AN1
VREF+
FVRIN
—
C1IN0-
C2IN0-
—
—
IOC
Y
—
ICSPCLK
RA2
11
10
AN2
COG1FLT
—
C1OUT
T0CKI
—
INT
IOC
Y
—
—
RA3
4
3
—
—
—
—
T1G(2)
—
IOC
Y
—
MCLR/
VPP
RA4
3
2
AN3
—
—
—
T1G(1)
—
IOC
Y
—
CLKOUT
RA5
2
1
—
—
—
—
T1CKI
—
IOC
Y
—
CLKIN
RC0
10
9
AN4
—
OPA1IN+
C2IN0+
—
—
IOC
—
—
—
RC1
9
8
AN5
—
OPA1IN-
C1IN1-
C2IN1-
—
—
IOC
—
—
—
RC2
8
7
AN6
—
OPA1OUT
C1IN2-
C2IN2-
—
—
IOC
—
SLPCIN
—
RC3
7
6
AN7
—
—
C1IN3-
C2IN3-
—
—
IOC
—
—
—
RC4
6
5
—
COG1OUT1
—
C2OUT
—
—
IOC
—
—
—
RC5
5
4
—
COG1OUT0
—
—
—
CCP1
IOC
—
—
—
VDD
1
16
—
—
—
—
—
—
—
—
—
VDD
VSS
14
13
—
—
—
—
—
—
—
—
—
VSS
Note
1:
Default location for peripheral pin function. Alternate location can be selected using the APFCON register.
2:
Alternate location for peripheral pin function selected by the APFCON register.
Note: See Table 2 for location of all peripheral functions.
78
2
3
1
11
12
5
9
10
13
14
15
16
6
4
RA5
RA4
MCLR/VPP/RA3
RC0
RA0/ICSPDAT
RA2
RA1/ICSPCLK
RC5
PIC16F753/HV753
(4x4)